Part Number Hot Search : 
29043505 L1018 2E225 RB551 RB551 00350 2N3045 PR1005G
Product Description
Full Text Search
 

To Download NRB-XS820M450V18X20F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES * HIGH RIPPLE CURRENT AT HIGH TEMPERATURE (105C) * IDEAL FOR HIGH VOLTAGE LIGHTING BALLAST * REDUCED SIZE (FROM NRBX) CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Maximum Leakage Current @ +20C W.V. (Vdc) S.V. (Vdc) Tan Z-25C/Z+20C Capacitance Tan LC 160 ~ 450VDC 1.0 ~ 220F -25C ~ +105C 20% (M) CV < 1,000F 0.1CV +40A (1 minute) 0.03CV +15A (5 minutes) 160 200 250 200 250 300 0.15 0.15 0.15 3 3 3
NRB-XS Series
Max. Tan at 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life at W.V. & 105C 8x11.5mm, 10x12.5mm: 5,000 Hours 10x16mm, 10x20mm: 8,000 Hours D > 12.5mm: 10,000 Hours
CV > 1,000F 0.04CV +100A (1 minute) 0.02CV +25A (5 minutes) 350 400 450 400 450 500 0.20 0.20 0.20 6 6 6
Within 20% of initial measured value Less than 200% of specified value Less than specified value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA AT 100KHz AND 105C)
Cap. (F) 1.0 1.5 1.8 2.2 3.3 4.7 5.6 6.8 10 15 22 33 47 68 82 100 150 220 160 320 500 650 750 1180 1420 1890 2370 Working Voltage (Vdc) 200 250 350 400 450 60 70 90 100 95 120 95 140 150 180 160 150 220 220 180 250 250 250 280 280 280 320 320 350 350 450 550 600 500 500 650 760 730 650 800 900 900 980 980 980 1080 1180 1200 1300 1300 1470 1470 1380 1380 1530 1420 1530 1890 1940 -
MAXIMUM ESR ( AT 120Hz AND 20C)
Cap. (F) 1.0 1.5 1.8 2.2 3.3 4.7 5.6 6.8 10 15 22 33 47 68 82 100 150 220 160 24.9 11.3 7.54 5.29 3.66 2.49 1.66 1.13 Working Voltage (Vdc) 200 250 350 400 332 221 184 151 101 52.9 70.6 70.6 59.2 59.2 36.6 48.8 48.8 24.9 24.9 33.2 33.2 22.1 11.3 11.3 15.1 15.1 7.54 7.54 10.1 10.1 5.29 5.29 7.06 7.06 3.66 3.66 4.88 4.88 3.03 3.03 4.05 2.49 2.49 1.66 1.66 450 70.6 59.2 48.8 33.2 22.1 15.1 10.1 7.06 -
PART NUMBER SYSTEM NRB-XS 1R0 M 400V 8X11.5 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Cap. (F) 1 ~ 4.7 6.8 ~ 15 22 ~ 82 100 ~ 220 (R) 120Hz 0.2 0.3 0.4 0.45 1KHz 0.4 0.6 0.7 0.75 10KHz 0.8 0.9 0.9 0.9 100KHz ~ up 1.0 1.0 1.0 1.0
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
69
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap. (F) Code 1.0 1.5 1.8 2.2 3.3 4.7 5.6 6.8 10 15 22 33 47 68 82 100 150 220 1R0 1R5 1R8 2R2 3R3 4R7 5R6 6R8 100 150 220 330 470 680 820 101 151 221 160 10X16 10X20 10X20 10X20 12.5x20 12.5x25 16x20 16x25 18x25 Working Voltage (Vdc) 250 350 400 8X11.5 10X12.5 8X11.5 10X12.5 8X11.5 10X12.5 8X11.5 10X12.5 10X12.5 10X16 8X11.5 10X12.5 10X16 10X12.5 10X16 10X12.5 10X16 10X16 10X16 10X16 10X20 10X20 12.5X20 12.5X25 10X20 10X20 12.5X20 16X20 10X20 12.5X20 16X20 16X20 16X25 12.5X20 12.5X20 16X20 18X20 12.5x25 16x20 18x25 18x25 16x20 16x20 16x20 18x25 200 16x20 16x25 16x25 18x25 450 10X20 10X20 10X20 12.5X20 12.5X25 16X20 16X25 18X25 -
NRB-XS Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) (D Lead Dia. (D) (D Lead Spacing (F) Dim. Dim. 8 0.6 3.5 0.5 2.0 10 0.6 5.0 0.5 2.0 12.5 0.6 5.0 0.5 2.0 16 0.8 7.5 0.5 2.0 18 0.8 7.5 0.5 2.0
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
(R)
70
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRB-XS820M450V18X20F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X